PART |
Description |
Maker |
ISLA224P20IRZ ISLA224P25 ISLA222P13 ISLA222P20 ISL |
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Intersil Corporation
|
HI5828_01 HI5828 HI5828IN |
D/A Converter, Dual, 12-Bit, 130MSPS, High Speed 12-Bit, 125 MSPS, CommLink⑩ Dual High Speed CMOS D/A (2.7V-5.5V)
|
INTERSIL[Intersil Corporation]
|
ISLA214IR72EV1Z ISLA212P13IRZ ISLA212P25IRZ ISLA21 |
12-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Intersil Corporation
|
ISLA214IR72EV1Z |
14-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Renesas Electronics Corporation
|
LTC2208IUP-14TR LTC2208CUP-14TR |
16-Bit, 130Msps ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 16-Bit, 130Msps ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
ISL76161 ISL76161AVZ ISL76161AVZ-T ISL76161AVZ-TK |
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter; Temperature Range: -25°C to 85°C; Package: 28-TSSOP T&R PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PDSO28
|
Intersil Corporation Intersil, Corp.
|
76W-101 76W-102 76W-103 76W-104 76W-105 76W-203 76 |
LIN-compatable driver, 5.0V regulator., -40C to 85C, 8-MSOP, TUBE 12-bit ADC, SPI, dual channel, -40C to 85C, 8-SOIC 150mil, T/R 12-bit ADC, SPI, dual channel, -40C to 85C, 8-TSSOP, T/R TRIMMER 6.35MM CERMET EIN 100K 300V 0.5W 12-bit ADC, SPI, 4-channel, -40C to 85C, 14-PDIP, TUBE 2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI™ Serial Interface, -40C to 85C, 14-TSSOP, TUBE 12-bit ADC, SPI, 4-channel, -40C to 85C, 14-TSSOP, TUBE 5V, SINGLE CHANNEL, 10 BIT SERIAL A/D CONVERTER, -40C to 125C, 5-SOT-23, T/R TRIMMER 6.35MM CERMET EIN 500K 300V 0.5W TRIMMER 6.35MM CERMET EIN 5K 300V 0.5W 12-bit ADC, SPI, 4-channel, -40C to 85C, 14-SOIC 150mil, TUBE 10-bit ADC, SPI, 4-channel, -40C to 85C, 14-TSSOP, T/R 10-bit ADC, SPI, 8-channel, -40C to 85C, 16-SOIC 150mil, TUBE 修边.35mm的艾500R 300V金属陶瓷.5W 10-bit ADC, SPI, 4-channel, -40C to 85C, 14-PDIP, TUBE 修边.35mm的金属陶瓷艾10,000 300V.5W 10-bit ADC, SPI, 4-channel, -40C to 85C, 14-TSSOP, TUBE 修边.35mm的艾0000V金属陶瓷.5W
|
HIROSE ELECTRIC Co., Ltd. NXP Semiconductors N.V.
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|
MAX4518 MAX4518CEE MAX4518CPD MAX4518CSD MAX4518EE |
Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO14 Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 32-Bit Digital Signal Controller with RAM 179-BGA MICROSTAR Precision, 4-Channel/Dual 2-Channel,Low-Voltage, CMOS Analog Multiplexers Precision 4-Channel/Dual 2-Channel Low-Voltage CMOS Analog Multiplexers From old datasheet system
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AT84AD004 AT84XAD004TD |
Dual 8-bit 500 Msps ADC Provides 500 Msps sampling per channel or 1 Gsps sampling from one channel (interleaving mode) and integrates ... Smart ADC. Dual 8-bit 500 Msps ADC. Temperature range ambient.
|
Atmel
|
|